Part Number Hot Search : 
13006 B0348 13006 UVTOP270 0515D GRM21B C2776 M7815
Product Description
Full Text Search
 

To Download IDTQS3390 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS3390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
FEATURES:
* * * * * * * *
IDTQS3390
Enhanced N channel FET with no inherent diode to Vcc 16:8 multiplexer function with zero delay 5 bidirectional switches connect inputs to outputs Zero propagation delay, zero ground bounce Low power CMOS proprietary technology Undershoot clamp diodes on all switch and control inputs Direct bidirectional connection for mux, demux Available in SOIC and QSOP packages
DESCRIPTION:
The QS3390 provides a 16:8 multiplexer logic switch. The low ON resistance (5) of the QS3390 allows inputs to be connected to the outputs without adding propagation delay and without generating additional ground bounce noise. Mux/Demux devices provide an order of magnitude faster speed than equivalent logic devices. The QS3390 is characterized for operation at -40C to +85C.
APPLICATIONS:
* Video, audio, graphics switching, muxing * Hot-swapping, hot-docking * Voltage translation (5V to 3.3V)
FUNCTIONAL BLOCK DIAGRAM
A0 AB 0
A7
AB 7
AE N
B0
B7
BE N
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2000 Integrated Device Technology, Inc.
MARCH 2000
DSC-5759/1
IDTQS3390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
A0 B0 AB0 A1 B1 AB1 A2 B2 AB2 A3 B3 AB3 AEN GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC A7 B7 AB7 A6 B6 AB6 A5 B5 AB5 A4 B4 AB4 BEN
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) VTERM(3) VAC IOUT PMAX TSTG Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation (TA = 85C) Storage Temperature Max -0.5 to +7 -0.5 to +7 -0.5 to +7 -3 120 0.5 -65 to +150 Unit V V V V mA W C
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC .
CAPACITANCE (TA = +25C, f = 1MHz, VIN = 0V, VOUT = 0V)
Pins Typ. 4 Demux Mux 5 9 Max. (1) 5 7 10 Unit pF pF Control Inputs Quickswitch Channels (Switch OFF)
SOIC/ QSOP/ TSSOP TOP VIEW
NOTE: 1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names A0 - A9 B0 - B9 AEN, BEN I/O I/O I/O I Bus A Bus B Bus Switch Enable Description
FUNCTION TABLE(1)
AEN H L H L BEN H H L L A0 - A9 Off On Off On B0 - B9 Off Off On On Function Disconnect A to AB B to AB A, B to AB
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level
2
IDTQS3390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5V 5%
Symbol VIH VIL IIN IOZ RON VP Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Switch ON Resistance Pass Voltage(2) Test Conditions Guaranteed Logic HIGH for Control Pins Guaranteed Logic LOW for Control Pins 0V VIN VCC 0V VOUT VCC VCC = Min., VIN = 0V, ION = 30mA VCC = Min., VIN = 2.4V, ION = 15mA VIN = VCC = 5V, IOUT = -5A Min. 2 -- -- -- -- -- 3.7 Typ.(1) Max. -- -- -- -- 5 10 4 -- 0.8 1 1 7 15 4.2 V Unit V V A A
NOTES: 1. Typical values are at VCC = 5V and TA = 25C. 2. Pass voltage is guaranteed but not production tested.
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
16 14
RON
(ohms)
12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
VIN
(Volts)
3
IDTQS3390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Input HIGH(2) Dynamic Power Supply Current per MHz(3) Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., A, B, and AB Pins Open, Control Inputs Toggling @ 50% Duty Cycle
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TTL-driven input (VIN = 3.4V, control inputs only). A, B, and AB pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A, B, and AB inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
Max. 3 1.5 0.25
Unit A mA mA/MHz
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C, VCC = 5V 5% CLOAD = 50pF, RLOAD = 500 unless otherwise noted.
Symbol tPLH tPHL tPZL tPZH tPLZ tPHZ Parameter Data Propagation Delay(2) A, B, to/from AB Switch Turn-On Delay AEN, BEN to A, B, AB Switch Turn-Off Delay(2) AEN, BEN to A, B, AB 1.5 1.5 6.5 5.5 ns ns Min. (1) Typ. Max. 0.25(3) Unit ns
NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4
IDTQS3390 HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDTQS XXXXX Device Type XX Package X Process
Blank
Industrial (-40C to +85C)
SO Q
Small Outline IC Quarter Size Outline Package
3390
High Speed CMOS QuickSwitch 16:8 Multiplexer
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDTQS3390

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X